Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download SSB3FP14120215NN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  barrier strips dual-barriers 86 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312 dimensions shown ar e for r efer ence only . dimensions ar e in inches.
barrier strips dual-barriers single scr ew bar rier block ssb contact spacing (center -to-center) 3 =.325 in. base f =raised base mounting options f = open end positions without end bar riers m = open end positions with end bar riers p = all positions filled with contacts, with end bar riers t = thr eaded mounting plate in each end position. end bar riers r emoved. no. of cir cuits (not positions) 02 thr ough 36 ter minal style 02 = printed cir cuit pin 03 = non-feedthr ough 04 = extended cir cuit boar d 07 = w ir e w rap 11 = right angle bend .29 x .12 12 = right angle bend .44 x .12 t op har dwar e options 01 = bright zinc and chr omate plated steel binding- head scr ew 02 = bright zinc and chr omate plated steel scr ew and captive clamp ?do not or der in combination with other top har dwar e. 10 = y ellow chomate plated steel binding head scr ew. 11 = y ellow chomate plated steel scr ew and captive clamp - do not or der in combination with other top har dwar e. quick-connect blades (supplied with 01 scr ew) .110 wide .187 wide x.020 x.020 thick thick 10 70= 11 71= 12 72= 13 73= 14 74= 15 75= cir cuit identification options catalog number codes: 11 thr ough 16. ssb blocks may be or der ed with cir cuit identification numbers in white on the molding in six dif fer ent variations. custom markings ar e available on special or der . 11= 12345... 12= ...54321 13= 14= 15= 16= material n = polypr opylene color n = black 87 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312
barrier strips dual-barriers b ase c at alog l etter c ode : f. lends itself most r eadily to applications wher e dir ect top-to-bot - tom feed-thr ough is r equir ed with no special r equir ement for cir cuit isolation on the bottom side. the most common example of this is printed cir cuit boar d mounting. m ounting o ptions end position mounting c at alog l etter c ode : r. pr ovides a printed cir cuit boar d mounting option with top-side wir e entr y . supplied with ter minal option 15. end position mounting w ithout barriers c at alog l etter c ode : f. facilitates mounting- scr ew access when end sections ar e used for mounting. direct mounting: c at alog l etter c ode : p. ssbs may be solder - mounted using the bottom ter minals them - selves, as in the case of printed cir cuit boar d applications. t erminal s tyle : printed circuit pin: c at alog n umber c ode : 02. designed specifi - cally for mounting on .063" thick cir cuit boar d. special, r eadily solderable plating per mits good fillet development in automated soldering pr ocesses. non-feed-through c at alog n umber c ode : 03. printed circuit pin: c at alog n umber c ode : 04. useful wher e extra length is needed, as in thicker printed cir cuit boar ds or single-wrap connections. wire wrap c at alog n umber c ode : 07. longer than extended cir cuit boar d ter minals. t op h ardware o ptions : binding head screws c at alog n umber c ode : 01. in most applica - tions, binding head scr ews will pr ovide excellent wir e r etention because of exclusive wir e locking tabs. scr ews ar e bright zinc and chr omate plat - ed steel. captive clamp c at alog n umber c ode : 02. for applications r equiring extra security , captive clamps under the scr ew heads augment the locking tabs on each contact. scr ews have a unique phil-slot design accepting either phillips- head or straight scr ewdriver . code 02 scr ew is bright zinc and chr omate plated steel. q uick c onnects c at alog n umber c odes : 10 through 75 . a complete selection of .187" and .110" quick- connect blades ar e available for connecting wir e ter minated with female quick connects. single and double sided types in flat, 45?and 90 angle bends can be supplied. material is brass with tin plating. all blades supplied with 01 scr ews. v arious quick-connects can be com - bined. 88 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312
barrier strips dual-barriers c atalog d escription n umber steel binding head screws 3l01 phil-slot, steel, bright zinc and chr omate plated captive clamp screw 3l02 phil-slot, steel, bright zinc and chr omate plated quick connect blades .110 wide .187 wide description x .020 thick x .020 thick flat, two-sided qc10 qc70 45? two-sided qc11 qc71 90? two-sided qc12 qc72 flat, single-sided qc13 qc73 45? single-sided qc14 qc74 90? single-sided qc15-bu qc75 around-the-barrier spade jumper j3140 40 cir cuits; snap apar t to desir ed lengths. (jumper extends .42 in horizontally fr om center of scr ew) s afety c overs dead fr ont pr otection pr events accidental contact with ener gized cir cuits. access holes for test pr obes ar e pr ovided over each ter minal. nylon clips ar e included with each cover . covers meet ul94v -0, with 50? temperatur e index. black cir cuit identification optional. 0.325" pitch series ssb3 accessories 89 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312
barrier strips dual-barriers 90 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312 0.325" pitch series 4db p hysical p roperties h ousing m a terial : ther moplastic polyamide f lammability : ul94v -0 c olor : black t erminal t erminals : bright acid-tin over copper alloy s crews : #6-32 steel, zinc plating with clear chr omate coating, under cut binding head scr ew standar d. m echanical p itch (t erminal s p acing ): 0.325" r ecommended pcb h ole d ia .: 1.7mm (0.07") e lectrical p roperties m aximum c urrent : 20a o pera ting v olt age : 150v (ul), 300v (csa) w ire r ange : 14-22 a wg e nvironmental p roperties o pera ting t empera ture r ange : 105 c max.
barrier strips dual-barriers 91 thomas & betts electr onics/oem division t el: 901-252-7766 fax: 901-252-1312 dimensions shown ar e for r efer ence only . dimensions ar e in millimeters (inches). 0.325" pitch series 4db


▲Up To Search▲   

 
Price & Availability of SSB3FP14120215NN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X